Part Number Hot Search : 
PRELIMI U1001 LT1078AM UK721 DG901 EL5175 GRM188R7 CPS140
Product Description
Full Text Search
 

To Download NAWP100M50V5X55LBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  28 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nawp series features ? cylindrical v-chip construction for surface mounting ? reduced case size (smaller than nacew) ? suit for high temperature reflow soldering (up to 250c) ? 1,000 hour load life @ +105c ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 50vdc rated capacitance range 4.7 ~ 220 f operating temp. range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan 0.35 0.30 0.26 0.20 0.16 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 432222 z-40c/z+20c 10 86444 load life test @ 105c all case sizes = 1,000 hours capacitance change within 25% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nawp 101 m 10v 6.3x5.5 l b f rohs compliant termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 4.74r7----- 4x5.5 10 100 - - - 4x5.5 4x5.5 5x5.5 22 220 - 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 33 330 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 - 47 470 5x5.5 5x5.5 5x5.5 6.3x5.5 - - 100 101 5x5.5 6.3x5.5 ---- 220 221 6.3x5.5 ----- case dimensions (mm) case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 4x5.5 4.0 5.5 4.3 4.3 1.8 0.5~0.8 1.0 5x5.5 5.0 5.5 5.3 5.3 2.1 0.5~0.8 1.4 6.3x5.5 6.3 5.5 6.6 6.6 2.5 0.5~0.8 2.2 0.3mm max. d l + - i i w p a b code peak re ow temperature l 250c peak reflow temperature codes standard values and case sizes (mm) sac alloy compatible 250c code finish & reel size b sn-bi finish & 13" reel termination finish & packaging options codes *see part number system for details p n bs fd il rohs compliant includes all homogeneous materials
29 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/120hz maximum esr ( ) +20 o c/120hz load life hours @ +105c nawp330m6.3v4x5.5lbf 33 6.3 0.35 29 17.59 1,000 nawp470m6.3v5x5.5lbf 47 0.35 36 12.35 1,000 nawp101m6.3v5x5.5lbf 100 0.35 47 5.81 1,000 nawp151m6.3v6.3x5.5lbf 150 0.35 71 3.87 1,000 nawp221m6.3v6.3x5.5lbf 220 0.35 74 2.64 1,000 nawp220m10v4x5.5lbf 22 10 0.30 28 22.62 1,000 nawp330m10v4x5.5lbf 33 0.30 29 15.08 1,000 nawp470m10v5x5.5lbf 47 0.30 43 10.59 1,000 nawp101m10v6.3x5.5lbf 100 0.30 71 4.98 1,000 nawp151m10v6.3x5.5lbf 150 0.30 71 3.32 1,000 nawp220m16v4x5.5lbf 22 16 0.26 28 19.60 1,000 nawp330m16v5x5.5lbf 33 0.26 35 13.07 1,000 nawp470m16v5x5.5lbf 47 0.26 39 9.18 1,000 nawp100m25v4.x5.5lbf 10 25 0.20 22 33.17 1,000 nawp220m25v5x5.5lbf 22 0.20 35 15.08 1,000 nawp330m25v5x5.5lbf 33 0.20 45 10.05 1,000 nawp470m25v6.3x5.5lbf 47 0.20 70 7.06 1,000 nawp100m35v4x5.5lbf 10 35 0.16 22 26.54 1,000 nawp220m35v5x5.5lbf 22 0.16 35 12.06 1,000 nawp330m35v6.3x5.5lbf 33 0.16 43 8.04 1,000 nawp4r7m50v4x5.5lbf 4.7 50 0.12 16 42.35 1,000 nawp100m50v5x5.5lbf 10 0.12 23 19.90 1,000 nawp220m50v6.3x5.5lbf 22 0.12 35 9.05 1,000 ripple current frequency correction factor frequency hz 100< f <1k 1k< f <10k 10k< f <100k 100k< f c < 4.7 f 1.00 1.30 1.50 1.80 4.7 f < c < 33 f 1.00 1.20 1.30 1.45 33 f < c 1.00 1.10 1.20 1.30 standard values, case sizes and specifications diameter time above 200c (t) time above 217c (t1) time above 230c (t2) peak temperature 5 seconds 4 ~ 6.3mm 70 sec. max. 60 sec. max. 40 sec. max. 250c reflow soldering conditions surface mount aluminum electrolytic capacitors nawp series (t) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 (t2) (t1) 217
30 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com case size a b c 4x5.5 1.0 2.6 1.8 5x5.5 1.4 3.0 1.8 6.3x5.5 2.1 3.5 1.8 recommended land pattern dimensions (mm) a c b carrier tape dimensions & reel qty case size a 0.3 b 0.3 c 0.3 d 0.1 p 0.1 t 0.2 t 0.1 4x5.5 4.7 4.7 12.0 5.5 8.0 5.8 0.4 5x5.5 5.7 5.7 12.0 5.5 12.0 5.8 0.4 6.3x5.5 7.0 7.0 16.0 7.5 12.0 5.8 0.4 t a p feeding d b c 1.5 +0.1/-0 1.75 + 0.10 t 4 + 0.1 210.8 13 ? 0.5 3.0 0.5 330 or 380mm 50 ? min. w 2.00.5 surface mount aluminum electrolytic capacitors nawp series reel dimensions & reel qty case size w 1.0 quantity tr13 (330mm) 4x5.5 14 1500 5x5.5 14 1000 6.3x5.5 18 1000


▲Up To Search▲   

 
Price & Availability of NAWP100M50V5X55LBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X